|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Photodiode-Chip Preliminary Wavelength range Red, selective 860 EPC-660-0.9-1 11.04.2007 Type Integrated filter Technology AlGaAs/GaAs rev. 13/07 Electrodes P (anode) up typ. dimensions (m) typ. thickness 260 m anode gold alloy, 1.5 m cathode gold alloy, 0.5 m O120 PD-08 Description red-selective photodiode with narrow response range (660 nm peak) Applications Optical communications, safety equipment, light barriers Miscellaneous Parameters Tamb = 25C, unless otherwise specified Parameter Active area Operating temperature range Storage temperature range Test onditions Symbol A Tamb Tstg Value 0.73 -40 to +125 -40 to +125 Unit mm C C Optical and Electrical Characteristics Tamb = 25C, unless otherwise specified Test Parameter conditions Peak sensitivity Spectral range at 50 % Responsivity at Responsivity at P1 P2 VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 1 V VR = 0 V VR = 1 V Symbol P 0.5 S S 0,5 ID CJ tr, tf 610 0,25 0.3 0.45 90 40 160 200 300 Min Typ 660 700 Max Unit nm nm A/W A/W nm pA pF ns Spectral bandwidth at 50% Dark current Junction capacitance Switching time 1 2 Measured on bare covered chip on TO-18 header Measured on epoxy covered chip on TO-18 header Labeling Type EP-660-0.9-1 Typ. ID [pA] Typ. S[A/W] Lot N Quantity Packing: Chips on adhesive film with wire-bond side on top *Note: All measurements carried out with EPIGAP equipment EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 1 of 2 Photodiode-Chip Preliminary 11.04.2007 EPC-660-0.9-1 rev. 13/07 Typical responsivity spectrum 1,0 0,8 0,6 0,4 0,2 0,0 500 550 600 650 700 750 800 Sensitivity (arb. units) Wavelength [nm] EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 2 of 2 |
Price & Availability of EPC-660-09-1 |